PART |
Description |
Maker |
NCV4279D1R2G NCV4279D2R2 NCV4279D2R2G NCV4279_05 N |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
|
ONSEMI[ON Semiconductor]
|
NCV8502PDW25R2G |
Micropower 150 mA LDO Linear Regulators
|
ON Semiconductor
|
NCV4269 |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output(带有延迟,可调复位和检测输出功能的5.0V,微功率150mA LDO线性稳压器) 5.0V的微一百五十毫安LDO线性稳压器的延迟,可调复位和检测输出(带有延迟,可调复位和检测输出功能的5.0V50mA的微功率LDO的线性稳压器
|
ON Semiconductor
|
IRU1502-33 IRU1502-33CH IRU1502-33CHTR |
3.3 V FIXED POSITIVE LDO REGULATOR, 3.3825 V DROPOUT, DSO6 MICROPOWER 1A LOW DROPOUT PMOS VOLTAGE REGULATOR Typo - Please Remove Part Micropower 1A Fixed LDO Linear Regulator in a 6-Pin MLPM package
|
International Rectifier
|
CM3019-33ST CM3019 CM3019-00 CM3019-00MA CM3019-00 |
Micropower, 500mA Low Noise CMOS LDO Regulator 微功耗,低噪00mA的LDO稳压器的CMOS Micropower, 500mA Low Noise CMOS LDO Regulator 微功耗,低噪00mALDO稳压器的CMOS Circular Connector; No. of Contacts:23; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-99 RoHS Compliant: No Micropower, 500mA Low Noise LDO CMOS Regulator
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
AAT3237IGU-3.3-T1 MAX8556ETE/V MAX855609 |
300mA MicroPower LDO with PowerOK 4A Ultra-Low-Input-Voltage LDO Regulators
|
Advanced Analogic Technologies, Inc. Maxim Integrated Products
|
MIC5306-2.6YD5 MIC5306-2.5YD5 MIC5306-1.8YD5 MIC53 |
150mA Micropower μCap Baseband LDO 1.8 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5
|
Micrel Semiconductor MICREL INC
|
MIC5306-2.8YD5 MIC5306 MIC5306-1.5YD5 |
150mA Micropower Cap Baseband LDO 1.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 From old datasheet system
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
NCV86603D33R2G NCV86603DT50RKG NCV86604D50R2G NCV8 |
3.3 V / 150 mA Very Low Quiescent Current LDO w/ Reset, Delay Reset Select (16 ms / 64 ms) FIXED POSITIVE LDO REGULATOR, PDSO8 Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
|
ON Semiconductor
|
TC1265_06 TC1265-1.8VAT TC1265-1.8VET TC1265-1.8VE |
1.8 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PDSO8 0.150 INCH, PLASTIC, MS-012, SOIC-8 800 mA Fixed-Output CMOS LDO with Shutdown
|
NEC, Corp. MICROCHIP[Microchip Technology]
|
LT1962 LT1962EMS8 LT1962EMS8-2.5 LT1962EMS8-3 LT19 |
300mA/ Low Noise/ Micropower LDO Regulators 300mA, Low Noise, Micropower LDO Regulators From old datasheet system
|
LINER[Linear Technology]
|
SI91821DH-AD-T1 SI91821DH-AD-T1-E3 SI91821 SI91821 |
Micropower 300-mA CMOS LDO Regulator With Error Flag 300毫安的CMOS LDO稳压器国旗错 Micropower 300-mA CMOS LDO Regulator With Error Flag 00毫安的CMOS LDO稳压器国旗错 RF/Coaxial Connector; RF Coax Type:BNC; Impedance:50ohm; Body Style:Straight Jack; Contact Material:Phosphor Bronze; Insulator Material:Teflon; Mounting Type:PC Board Edge RoHS Compliant: Yes
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|